Part Number Hot Search : 
74HC64 54HC1 AUIRF LET9150 IM300 GMA7175C DS124 AIC1628
Product Description
Full Text Search
 

To Download SMS24RDH1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sms ? quick mating quick mating panel and cable connectors description the versatile ? sms ? quick mating panel and cable connectors are a highly cost- effective system approach to solving the constant demand for more cost effective interconnection techniques. it is a range of multiway connectors using n 16 trim trio .0625? (1.6mm) diameter contacts and available in 10 contact arrangements from 2 to 36 positions. having no additional hardware, panel receptacle connectors snap and lock into panel cutouts and cable plugs quick connect and disconnect with positive retention locks. cable plug connectors also feature pin- protection skirts, positive polarisation and can be supplied with or without integrated strain relief hoods. cable receptacle connectors (only with integrated strain relief hoods) are developed to mate with cable plug connectors thus offering solutions for cable to cable applications. features and benefits ? available in 10 contact arrangements. ? self mountable panel receptacle with positive housing retention. ? cable plugs with retaining latches for positive locking. ? cable plug has pin protection skirt to prevent damage of male contacts ? positive polarization keys prevent mismating. ? cable plug and receptacle have integrated strain relief hood which can take a wide range of cables. ? cable plug and receptacle have discrimination cavities in between contact cavities, thus offering discrimination without contact loss. ? ul recognized file nr.: e238675 performance characteristics operating temperature: -55c to +105c insulation resistance: 5000 m min. test potential: 2000 vac durability: 500 matings and unmatings. construction material : polyamide 6.6 flammability rating : ul94-v2 contact accommodation ? ?sms? quick mating connectors accept trim trio size 16 removable snap-lock contacts (see contact section) ? contacts to be ordered seperately. how to order sms sms 12 12 pdh1 p1 connector family contact arrangement body variation: r1: panel mount receptacle p1: cable plug without strain relief hood pdh1: cable plug with integrated strain relief hood rdh1: cable receptacle with integrated strain relief hood
sms ? quick mating contact arrangements for cable plug connectors (sms--p1 and sms--pdh1) contact identifications shown are for mating face. contact identifications of wiring face are identical as shown on the recepta cle arrangements
sms ? quick mating contact arrangements for cable and panel mount receptacle connectors (sms--r1 and sms--rdh1) contact identifications shown are for mating face. contact identifications of wiring face are identical as shown on the plug ar rangements
sms ? quick mating sms - standard quick mating intermateability chart (only in sizes 3, 6, 12 and 18)
sms ? quick mating panel mount receptacle (sms--r1) part number number of a b c max. j 0.13 k 0.13 contact pos. sms2r1 2 11.0 11.4 sms3r1 3 16.2 5.8 15.2 16.5 11.6 sms4r1 4 21.2 21.7 sms6r1 6 10.9 20.3 16.5 16.7 sms9r1 9 16.0 25.4 21.6 sms12r1 12 16.2 21.1 30.5 26.7 sms15r1 15 26.2 35.6 16.7 31.8 sms18r1 18 31.2 40.6 36.9 sms24r1 24 21.2 21.7 sms36r1 36 46.6 21.1 30.5 47.1 26.7 cable plug without strain relief hood (sms--p1) part number number of a c max. contact pos. sms2p1 2 15.0 sms3p1 3 18.6 17.8 sms4p1 4 23.7 sms6p1 6 22.9 sms9p1 9 27.9 sms12p1 12 18.6 33.0 sms15p1 15 38.1 sms18p1 18 43.2 sms24p1 24 23.7 sms36p1 36 49.1 33.0 0,75 2,3
sms ? quick mating cable receptacle with integrated strain relief hood ( sms--rdh1 ) part number number of number of a b c d h cable r ecommen- contact disrimi- ded unirap pos. nation pos. range cable tie sms2rdh1 2 0 31.6 64.8 11.1 0.5 - 8.4 sms3rdh1 3 0 35.1 9.9 69.0 16.2 49..2 0.8 - 7.3 tf4d sms4rdh1 4 0 38.2 74.4 21.2 1.5 - 10.0 sms6rdh1 6 2 34.6 15.0 72.6 50.9 1.7 - 9.2 sms9rdh1 9 4 35.8 20.0 75.3 52.2 3.9 - 14.3 sms12rdh1 12 6 38.1 25.1 72.0 16.2 52.7 4.0 - 15.0 sms15rdh1 15 8 35.9 30.2 81.3 55.2 5.0 - 16.2 tf5d sms18rdh1 18 10 36.1 35.3 5.8 - 20.3 SMS24RDH1 24 15 39.7 90.4 21.2 57.2 7.1 - 20.4 sms36rdh1 36 24 54.6 25.1 128.0 46.6 63.3 8.8 - 24.5 cable plug with integrated strain relief hood ( sms--pdh1 ) part number number of number of a b c d h cable r ecommen- contact disrimi- ded unirap pos. nation pos. range cable tie sms2pdh1 2 0 39.5 64.8 14.1 0.5 - 8.4 sms3pdh1 3 0 43.0 16.4 69.0 18.6 57.1 0.8 - 7.3 tf4d sms4pdh1 4 0 46.1 74.4 23.7 1.5 - 10.0 sms6pdh1 6 2 42.5 21.5 72.6 58.8 1.7 - 9.2 sms9pdh1 9 4 43.7 26.7 75.3 60.1 3.9 - 14.3 s m s 12 p d h 1 12 6 46.0 31.7 72.0 18.6 60.6 4.0 - 15.0 s m s 15 p d h 1 15 8 43.8 36.7 81.3 63.1 5.0 - 16.2 tf5d s m s 18 p d h 1 18 10 44.0 41.8 5.8 - 20.3 sms24pdh1 24 15 47.6 90.4 23.7 65.1 7.1 - 20.4 sms36pdh1 36 24 62.5 31.7 128.0 49.1 71.2 8.8 - 24.5
sms ? quick mating accessories for standard quick mating connectors pin protection shroud for panel mount receptacle (sms--csb1) when pins are inserted into the panelmount receptacle half (sms--r1) of the quick mating connector, an optional pin protection shroud can be installed. the shroud is mounted at the same time as the receptacle by holding the shroud against the mating side of the panel with both cutouts lined up. the receptacle is then inserted in place, trapping the shroud between the receptacle and panel. the use of the pin protection shroud reduces the allowable thickness of the panel from 2.3 to 1.6 mm max. strain relief hoods (sms?h1) part number number of contact a b positions sms2csb1 2 19.8 sms3csb1 3 23.4 18.8 sms4csb1 4 28.4 sms6csb1 6 23.9 sms9csb1 9 29.0 sms12csb1 12 23.4 34.0 sms15csb1 15 39.1 sms18csb1 18 44.2 sms24csb1 24 28.4 sms36csb1 36 54.1 34.0 discrimination pins for discrimination pins on both standard quick mating and quick mating pin headers cable and boardmount: see accessories section. separate strain relief hoods are available for all standard plugs sms?p1. the hoods consist of identical halves that snap into position on the plug and are secured in place with the cable tie drawn tightly around the cabe entry collar. catalog numbers designate a complete hood (2 halves) sms?h1 the cable tie is not included (tf4d ? tf5d) two three and four position hoods are single piece units
sms ? quick mating notes
sms ? boardmount quick mating quick mating pc-boardmount connectors description these pc boardmount connectors enable quick mating and preassembled trim trio contacts to be pc board mounted, using conventional solder production techniques. they will then mate and latch with the standard quick mating plugs. straight boardmount quick mating is available in 10 insert arrangements from 2 to 36 positions. right-angled boardmount quick mating is available in 3, 6, 12 and 18 positions. all boardmount connectors are supplied fully loaded with pin or socket contacts, either in solid machined or stamped and formed contacts. stamped and formed contact have selective tin plating on the solder tails, thus eliminating flux operations. features and benefits ? straight versions available in 10 contact arrangements from 2 to 36 positions ? right-angled versions available in 3, 6, 12 and 18 positions. ? all versions are available with: - pin or socket contacts - stamped and formed or solid machined contacts. ? some boardmount connectors have discrimination cavities in between contact cavities, thus offering discrimination without contact loss. ? ul recognized file nr.: e238675 performance characteristics operating temperature: -55c to +125c insulation resistance: 5000 m min. test potential: 2000 vac current rating: 5 amp for stamped contacts 7.5 amp for machined contacts durability: 500 matings and unmatings. construction connector body: glass filled thermoplast ul94-v0 contacts: high conductive copper alloy plating table plating for solid machined contacts: no digit (std) = min. 0.4 gold all over, over nickel. t = 3 - 5 tin all over plating for stamped and formed contacts : k9 (std) = min. 0.4 gold in contact area, 3 - 5 tin on solder tail. t = 3 - 5 tin all over intermateability ? ?sms? quick mating boardmount connectors with preassembled trim trio size 16 boarmount contacts are intermateable only with the ?sms? quick mating cable plug connectors equipped with trim trio crimp type removable snap-lock contacts (see contact section) how to order sms sms 3 3 ge se 12 12 ? k9 connector family contact arrangement contact type: ge: solid machined contacts se: stamped and formed contacts design variation: 3: straight boardmount with female contacts 4: straight boardmount with male contacts 5: right angle boardmount with female contacts 6: right angle boardmount with male contacts plating indication
sms ? boardmount quick mating straight boardmount with female contacts (sms--ge3 / sms--se3k9) part number part number number of number of a b c d e solid machined stamped and contact pos. discrimination contacts formed contacts pos. sms2ge3 sms2se3k9 2 0 11.0 - 19.1 sms3ge3 sms3se3k9 3 0 16.2 14.0 10.2 5.9 sms4ge3 sms4se3k9 4 0 21.3 15.2 sms6ge3 sms6se3k9 6 0 19.2 10.9 sms9ge3 sms9se3k9 9 4 24.2 16.0 sms12ge3 sms12se3k9 12 0 16.2 29.2 10.2 13.4 21.1 sms15ge3 sms15se3k9 15 8 34.3 26.1 sms18ge3 sms18se3k9 18 10 39.4 31.2 sms24ge3 sms24se3k9 24 0 21.2 15.2 sms36ge3 sms36se3k9 36 0 46.5 15.2 54.6 20.9 for other platings: see plating table straight boardmount with male contacts (sms--ge4 / sms--se4k9) part number part number number of number of a b c d e solid machined stamped and contact pos. discrimination contacts formed contacts pos. sms2ge4 sms2se4k9 2 0 11.1 - 19.1 sms3ge4 sms3se4k9 3 0 16.2 14.0 10.2 5.9 sms4ge4 sms4se4k9 4 0 21.3 15.2 sms6ge4 sms6se4k9 6 0 19.2 10.9 sms9ge4 sms9se4k9 9 4 24.2 16.0 sms12ge4 sms12se4k9 12 0 16.2 29.2 10.2 13.4 21.1 sms15ge4 sms15se4k9 15 8 34.3 26.1 sms18ge4 sms18se4k9 18 10 39.4 31.2 sms24ge4 sms24se4k9 24 0 21.2 15.2 sms36ge4 sms36se4k9 36 0 46.5 15.2 54.6 20.9 for other platings: see plating table
sms ? boardmount quick mating right angle boardmount with female contacts (sms--ge5 / sms--se5k9) part number part number number of number of a b c d e f g solid machined stamped and contact pos. discrimination contacts formed contacts pos. sms3ge5 sms3se5k9 3 0 16.5 20.5 30.2 24.2 16.2 6.8 sms6ge5 sms6se5k9 6 0 19.0 14.4 24.5 11.9 sms12ge5 sms12se5k9 12 6 21.6 29.5 35.2 29.2 21.2 17.2 sms18ge5 sms18se5k9 18 10 45.4 39.4 31.2 for other platings: see plating table for availability on sms18, consult factory right angle boardmount with male contacts (sms--ge6 / sms--se6k9) part number part number number of number of a b c d e f g solid machined stamped and contact pos. discrimination contacts formed contacts pos. sms3ge6 sms3se6k9 3 0 16.5 20.5 30.2 24.2 16.2 6.8 sms6ge6 sms6se6k9 6 0 19.0 14.4 24.5 11.9 sms12ge6 sms12se6k9 12 6 21.6 29.5 35.2 29.2 21.2 17.2 sms18ge6 sms18se6k9 18 10 45.4 39.4 31.2 for other platings: see plating table for availability on sms18, consult factory
sms ? boardmount quick mating recommended pc-board hole lay out for straight male and female boardmount connectors recommended pc-board hole lay out for right-angled male and female boardmount connectors
sms ? quick mating pin header quick mating pc boardmount pin headers and plugs description quick mating pin header, available in 3, 4, 6, 9 and 10 positions, provides the additional versatility of straight and right angle board mounting. offered as an alternative to stacked connectors, the in-line contact design of the pin header provides the user with significant pc board space savings. the boardmount receptacle features positieve polarization and a moulded on pin protection skirt and is supplied preassembled with straight or right angled: ? solid machined or stamped and formed pc board pin contacts. ? coax pc board pin contacts. the socket cable plug features positive quick connect / disconnect latches and is designed to accept n 16 trim trio .0625? (1.6mm) diameter socket contacts for maximum contact protection. features and benefits ? available in 3, 4, 6, 9 and 10 positions. ? in-line contact design, offering significant pc board space savings. ? boardmount connectors available in straight and right-angled version preassembled with: - solid machined or stamped and formed pin contacts. ? - coax pin contacts. ? ul recognized file nr.: e238675 construction connector body: glass filled thermoplast ul94-v0 colour: black contacts: high conductive copper alloy performance characteristics operating temperature: -55c to +125c insulation resistance: 5000 m min. test potential: 2000 vac current rating: 5 amp for stamped contacts 7.5 amp for machined contacts durability: 500 matings and unmatings. intermateability ? ?sms? socket plugs accept trim trio size 16 removable snap-lock contacts (see contact section) ? contacts to be ordered seperately. plating table plating for solid machined contacts: no digit (std) = min. 0.4 gold all over, over nickel. t = 3 - 5 tin all over plating for stamped and formed contacts : d28 = min. 0.75 au over nickel. d70 = gold flash all over tr29 = 1.2 pre-plated tin all over. plating for coax contacts: z1 7 = min. 0.75 au in contact area, flash on solder tail (inner) min 0.75 au in contact area, tin on solder tail (outer) how to order sms sms sms 3 1 ? ph ch p3 9 9 9 tr29 z17 ? connector family contact arrangement contact type: ph: pin header boardmount. ch: coax header boardmount. p3: socket cable plug for pin and coax boardmount header. design variation: 1: right angle coax header boardmount with male contacts. 2: straight coax header boardmount with male contacts 3: right angle pin header boardmount with stamped male contacts 4: straight pin header boardmount with stamped male contacts ge6: right angle pin header boardmount with machined male contacts ge4: straight pin header boardmount with machined male contacts plating indication
sms ? quick mating pin header right angle pin header boardmount with male contacts (sms--ph3 / sms--phge6) part number part number number of a b c stamped and solid machined contact formed contacts contacts positions sms3ph3tr29 sms3phge6 3 31.2 25.4 19.3 sms4ph3tr29 sms4phge6 4 36.3 30.4 24.4 sms6ph3tr29 sms6phge6 6 46.5 40.6 34.5 sms9ph3tr29 sms9phge6 9 61.7 55.9 49.8 sms10ph3tr29 sms10phge6 10 66.8 61.0 54.9 for other platings: see plating table. other solder tail lenghts on request straight pin header boardmount with male contacts (sms--ph4 / sms--phge4) part number part number number of a b c stamped and solid machined contact formed contacts contacts positions sms3ph4tr29 sms3phge4 3 31.2 25.4 19.3 sms4ph4tr29 sms4phge4 4 36.3 30.4 24.4 sms6ph4tr29 sms6phge4 6 46.5 40.6 34.5 sms9ph4tr29 sms9phge4 9 61.7 55.9 49.8 sms10ph4tr29 sms10phge4 10 66.8 61.0 54.9 for other platings: see plating table. other solder tail lenghts on request
sms ? quick mating pin header right angle coax header boardmount with male contacts (sms--ch1z17) part number number of contact a b c positions sms3ch1z17 3 31.2 25.4 19.3 sms4ch1z17 4 36.3 30.4 24.4 sms6ch1z17 6 46.5 40.6 34.5 sms9ch1z17 9 61.7 55.9 49.8 sms10ch1z17 10 66.8 61.0 54.9 for plating spec.: see plating table. straight coax header boardmount with male contacts (sms--ch2z17) part number number of contact a b c positions sms3ch2z17 3 31.2 25.4 19.3 sms4ch2z17 4 36.3 30.4 24.4 sms6ch2z17 6 46.5 40.6 34.5 sms9ch2z17 9 61.7 55.9 49.8 sms10ch2z17 10 66.8 61.0 54.9 for plating spec.: see plating table.
sms ? quick mating pin header socket cable plug for pin and coax boardmount header (sms--p3) part number number of contact d positions sms3p3 3 16.0 sms4p3 4 21.1 sms6p3 6 31.2 sms9p3 9 46.5 sms10p3 10 51.6 part number of contact e f positions 3 10.18 25.40 4 15.24 30.48 6 25.40 40.64 9 40.64 55.88 10 45.72 60.96 recommended pc-board hole layouts


▲Up To Search▲   

 
Price & Availability of SMS24RDH1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X